PART |
Description |
Maker |
ADG738BRU ADG739BRU ADG738 ADG739 |
CMOS, Low-Voltage, 3-Wire Serially-Controlled, Matrix Switches 8-CHANNEL, AUDIO/VIDEO SWITCH, PDSO16 2.5 ohms, Low-Voltage, 3-Wire Serially-Controlled, Dual 4 Channel Matr CMOS, Low Voltage, Single 8 to 1 Multiplexer, Serially Controlled Matrix Switch
|
Analog Devices, Inc. AD[Analog Devices]
|
AS3833-ZSOT AS3833-ZTQT |
6 channel high-precision LED cont rol ler for 3D-LCD backl ight with integrated step-up cont rol ler
|
ams AG
|
ADG732 ADG726BSUZ ADG732BSU-REEL ADG732BCP ADG732B |
16-/32-Channel, 4 1.8 V to 5.5 V, 2.5 V Analog Multiplexers 32-Channel, Serially Controlled 3.5 Ohm 1.8 V to 5.5 V, ±2.5 V, Analog Multiplexer; Package: TQFP (7x7mm); No of Pins: 48; Temperature Range: Industrial 32-CHANNEL, SGL ENDED MULTIPLEXER, PQFP48 16-/32- Channel, 3.5 O 1.8 V to 5.5 V, ±2.5 V, Analog Multiplexer 16-CHANNEL, DIFFERENTIAL MULTIPLEXER, PQFP48 32-Channel, Serially Controlled 3.5 Ohm 1.8 V to 5.5 V, .5 V, Analog Multiplexer 16-/32- Channel, 3.5 ohms 1.8 V to 5.5 V, .5 V, Analog Multiplexer
|
Analog Devices, Inc.
|
2N6796LCC4 |
N-Channel Power MOSFET(Vdss00VId(cont).4A,Rds(on).18ΩN沟道功率型MOS场效应管(Vdss00VId(cont).4A,Rds(on).18Ω
|
SEME-LAB[Seme LAB]
|
SML9030-T254 SML9030T254 |
P-Channel MOS Transistor(Vdss:-50V,Id(cont):-18A,Rds(on):0.14Ω)(P沟道MOS晶体Vdss:-50V,Id(cont):-18A,Rds(on):0.14Ω))
|
Semelab(Magnatec) TT electronics Semelab Limited Seme LAB
|
IRFN340SMD |
N-Channel Power MOSFET(BVdss:400V,Id(cont):10A,Rds(on):0.55Ω)(N沟道功率MOS场效应管(BVdss:400V,Id(cont):10A,Rds(on):0.55Ω))
|
SemeLAB SEME-LAB[Seme LAB]
|
MAX7221 MAX7221CNG MAX7221CWG MAX7221ENG MAX7221ER |
SOLDER SHELLS, DB37 FEMALE Serially Interfaced / 8-Digit LED Display Drivers IC,LED DISPLAY DRIVER,7-SEG,COMMON-CATHODE,DIP,24PIN,PLASTIC Serially Interfaced, 8-Digit LED Display Drivers
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products] http://
|
ADG715 ADG715BRU ADG714 ADG714BRU |
CMOS/ Low Voltage Serially-Controlled/ Octal SPST Switches (4kV/6kV Versions); EN and UL Certificates; 3 Pinout Options, 3 Case Styles; Control Pin Option; Efficiency to 86% CMOS, Low Voltage Serially-Controlled, Octal SPST Switches
|
Analog Devices, Inc. AD[Analog Devices]
|
ADG71402 ADG714 ADG715 ADG714BRU ADG715BRU |
CMOS, Low Voltage Serially Controlled, Octal SPST Switches CMOS, Low Voltage, SPI/QSPI/Mircowire Compatible Interface, Serially Controlled, Octal SPST Switches CMOS, Low Voltage, I2C Compatible Interface, Serially Controlled, Octal SPST Switches
|
Analog Devices
|
ADG1414 ADG1414BCPZ-REEL7 ADG1414BRUZ ADG1414BRUZ- |
9.5 Ω RON ±15 V/ 12 V/±5 V iCMOS Serially-Controlled Octal SPST Switches 9.5 楼? RON 隆戮15 V/ 12 V/隆戮5 V iCMOS Serially-Controlled Octal SPST Switches
|
Analog Devices
|
AS11001 AS1100PL AS1100PE AS1100WE |
Serially Interfaced, 8-Digit LED Driver
|
austriamicrosystems AG ams AG
|
|